Part Number Hot Search : 
0732G ST1510FX 46010 ON1271 CS5165H 1SS214 EM74XXX RX5000
Product Description
Full Text Search
 

To Download 2SC945 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 UNISONIC TECHNOLOGIES CO., LTD 2SC945
AUDIO FREQUENCY AMPLIFIER HIGH FREQUENCY OSC NPN TRANSISTOR
DESCRIPTION
The UTC 2SC945 is an audio frequency amplifier high frequency OSC NPN transistor.
NPN SILICON TRANSISTOR
FEATURES
* Collector-Emitter voltage: BVCBO=50V * Collector current up to 150mA * High hFE linearity * Complimentary to UTC 2SA733
Lead-free: 2SC945L Halogen-free: 2SC945G
ORDERING INFORMATION
Normal 2SC945-x-T92-B 2SC945-x-T92-K Order Number Lead Free Plating 2SC945L-x-T92-B 2SC945L-x-T92-K Halogen Free 2SC945G-x-T92-B 2SC945G-x-T92-K Package TO-92 TO-92 Pin Assignment 1 2 3 E C B E C B Packing Tape Box Bulk
www.unisonic.com.tw Copyright (c) 2009 Unisonic Technologies Co., Ltd
1of 4
QW-R201-005.C
2SC945
NPN SILICON TRANSISTOR
ABSOLUTE MAXIMUM RATINGS (Ta=25, unless otherwise specified )
PARAMETER SYMBOL RATING UNIT Collector-Base Voltage VCBO 60 V Collector-Emitter Voltage VCEO 50 V Emitter-Base Voltage VEBO 5 V Collector Dissipation(Ta=25C) PC 250 mW Collector Current IC 150 mA Base Current IB 50 mA Junction Temperature TJ 125 Storage Temperature TSTG -55 ~ +150 Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged. Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (Ta=25, unless otherwise specified)
PARAMETER SYMBOL TEST CONDITIONS Collector-Base Breakdown Voltage BVCBO IC=100A, IE=0 Collector-Emitter Breakdown Voltage BVCEO IC=10mA, IB=0 Collector Cut-Off Current ICBO VCB=40V, IE=0 Emitter Cut-Off Current IEBO VEB=3V, IC=0 DC Current Gain hFE VCE=6V, IC=1mA Collector-Emitter Saturation Voltage VCE(SAT) Ic=100mA, IB=10mA Current Gain Bandwidth Product fT VCE=10V, IC=50mA Output Capacitance Cob VCB=10V, IE=0, f=1MHz IC=-0.1mA, VCE=6V Noise Figure NF RG=10k, f=100Hz MIN 60 50 TYP MAX UNIT V V nA nA V MHz pF dB
90 100 0.1 190 2.0 4.0
100 100 600 0.3 3.0 6.0
CLASSIFICATION OF hFE
RANK RANGE R 90-180 Q 135-270 P 200-400 K 300-600
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
2 of 4
QW-R201-005,C
2SC945
TYPICAL CHARACTERISTICS
NPN SILICON TRANSISTOR
Collector Current, IC (mA)
Collector Current, IC (mA)
Current Gain-Bandwidth Product 103 VCE=6V 102 101 102
Saturation Voltage (mV)
DC Current Gain, hFE
Collector Output Capacitance
f=1MHz IE=0
101
100
100 10-1
10 10 Collector Current, IC (mA)
0
1
10
2
10-1 100
101
102
103
Collector-Base Voltage (V)
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
3 of 4
QW-R201-005,C
2SC945
NPN SILICON TRANSISTOR
UTC assumes no responsibility for equipment failures that result from using products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or other parameters) listed in products specifications of any and all UTC products described or contained herein. UTC products are not designed for use in life support appliances, devices or systems where malfunction of these products can be reasonably expected to result in personal injury. Reproduction in whole or in part is prohibited without the prior written consent of the copyright owner. The information presented in this document does not form part of any quotation or contract, is believed to be accurate and reliable and may be changed without notice.
UNISONIC TECHNOLOGIES CO., LTD
www.unisonic.com.tw
4 of 4
QW-R201-005,C


▲Up To Search▲   

 
Price & Availability of 2SC945

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X